Part Number Hot Search : 
24LC00P 14060 YABMLA LC73750 U9120 SF1607G 2409S AM2504
Product Description
Full Text Search
 

To Download FDP7042L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDP7042L / FDB7042L
June 2000 PRELIMINARY
FDP7042L / FDB7042L
N-Channel Logic Level PowerTrench MOSFET
General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for "low side" synchronous rectifier operation, providing an extremely low RDS(ON) .
Features
* 50 A, 30 V. RDS(ON) = 9 m @ VGS = 4.5 V RDS(ON) = 7.5 m @ VGS = 10 V
* Critical DC electrical parameters specified at elevated temperature * High performance trench technology for extremely low RDS(ON) * 175C maximum junction temperature rating
Applications
* Synchronous rectifier * DC/DC converter
D
D
G
G D TO-220 S
FDP Series
G
S
TO-263AB
FDB Series
S
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD TJ, TSTG Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA=25oC unless otherwise noted
Parameter
Ratings
30 12
(Note 1) (Note 1)
Units
V V A W WC C
50 150 83 0.48 -65 to +175
Total Power Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range
Thermal Characteristics
RJC RJA Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient 1.8 62.5 C/W C/W
Package Marking and Ordering Information
Device Marking FDB7042L FDP7042L Device FDB7042L FDP7042L Reel Size 13'' Tube Tape width 24mm n/a Quantity 800 units 45
2000 Fairchild Semiconductor Corporation
FDP7042L Rev B(W)
FDP7042L / FDB7042L
Electrical Characteristics
Symbol
BVDSS BVDSS ===TJ IDSS IGSSF IGSSR VGS(th) VGS(th) ===TJ RDS(on)
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
(Note 2)
Test Conditions
VGS = 0 V, ID = 250 A ID = 250 A, Referenced to 25C VDS = 24 V, VGS = 12 V, VGS = -12 V VGS = 0 V VDS = 0 V VDS = 0 V
Min
30
Typ
Max Units
V
Off Characteristics
24 1 100 -100 0.8 1.2 -4.1 6.2 5.5 9.6 60 117 2418 549 243 21 VDD = 15 V, ID = 1 A, VGS = 4.5 V, RGEN = 6 20 60 30 VDS = 15 V, ID = 50 A, VGS = 4.5 V 32 10 9 50
(Note 2)
mV/C A nA nA V mV/C 9 7.5 16 m A S pF pF pF 34 32 96 48 51 ns ns ns ns nC nC nC A V
On Characteristics
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance
VDS = VGS, ID = 250 A ID = 250 A, Referenced to 25C VGS = 4.5 V, ID = 25A ID = 25A VGS = 10 V, VGS= 4.5 V, ID =25A, TJ=125C VGS = 4.5 V, VDS = 5V, VDS = 10 V ID = 25 A
2
ID(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD
Notes:
On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
Dynamic Characteristics
VDS = 15 V, V GS = 0 V, f = 1.0 MHz
Switching Characteristics
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward VGS = 0 V, IS = 25 A Voltage 0.8 1.3
1. Maximum continuous current is limited by the package. 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDP7042L Rev B(W)
FDP7042L / FDB7042L
Typical Characteristics
150
VGS = 4.5V 4.0V 3.5V 3.0V
2 1.8 VGS = 2.5V 1.6 1.4 3.0V 3.5V 4.0V 4.5V
120
90
60 2.5V 30
1.2 1 0.8
0 0 1 2 3 4 5 VDS, DRAIN-SOURCE VOLTAGE (V)
0
30
60
90
120
150
ID, DRAIN CURRENT (A)
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.025
2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 -50 -25 0 25 50 75 100
o
ID =25A VGS = 4.5V
ID = 25 A 0.02
0.015 TA = 125 C 0.01 TA = 25 C
o o
0.005
125
150
175
0 2 2.5 3 3.5 4 4.5 5 VGS, GATE TO SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE ( C)
Figure 3. On-Resistance Variation withTemperature.
80 VDS = 5V 60
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100 VGS = 0V 10 TA = 125 C 1 25 C -55 C
o o o
40 0.1 TA = 125 C 20
o o
25 C 0.01 -55 C
o
0 1 1.5 2 2.5 3 VGS, GATE TO SOURCE VOLTAGE (V)
0.001 0 0.2 0.4 0.6 0.8 1 1.2 1.4 VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDP7042L Rev B(W)
FDP7042L / FDB7042L
Typical Characteristics
5 ID = 50A 4 15V 3 VDS = 5V 10V
6000 5000 CISS 4000 3000 f = 1MHz VGS = 0 V
2 2000 1 1000 0 0 5 10 15 20 25 30 35 0 6 12 18 24 30 Qg, GATE CHARGE (nC) VDS, DRAIN TO SOURCE VOLTAGE (V) COSS CRSS 0
Figure 7. Gate Charge Characteristics.
1000
Figure 8. Capacitance Characteristics.
1000 SINGLE PULSE RJC = 1.8C/W TC = 25C
800 100 RDS(ON) LIMIT 1ms 10ms 100ms DC 100s 600
400
10
VGS = 4.5V SINGLE PULSE RJC = 1.8 C/W TC = 25 C
o o
200
1 0.1 1 10 100 VDS, DRAIN-SOURCE VOLTAGE (V)
0 1 10 t1, TIME (sec) 100 1000
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
1
D = 0.5 0.2 0.1
RJC(t) = r(t) + RJC RJC = 1.8 C/W P(pk) t1 t2 TJ - TC = P * RJC(t) Duty Cycle, D = t1 / t2
0.1
0.05 0.02 0.01 SINGLE PULSE
0.01 0.0001 0.001 0.01 0.1 t1, TIME (sec) 1 10 100 1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c. Transient thermal response will change depending on the circuit board design.
FDP7042L Rev B(W)
TO-220 Tape and Reel Data and Package Dimensions
TO-220 Tube Packing Configuration: Figur e 1.0
Packaging Description:
TO-220 parts are ship ped normally in tube. The tube is made of PVC plastic treated with anti -stati c agent.These tubes in standard option are placed inside a dissipative plastic bag, barcode labeled, and placed inside a box made of recyclable corrugated pa per. One box contains two ba gs maximum (see fig. 1.0). And one or several o f these boxes are placed inside a labeled shipp ing bo x whic h c omes in different sizes dependi ng on the nu mber of parts ship ped. The other option comes in bulk as described in the Packagin g Information table. The unit s in this option are placed inside a small box laid w ith antistatic bubble sheet. These smaller boxes are individually labeled and placed ins ide a larger box (see fig. 3.0). These larger or intermediate boxes then will b e placed finally inside a labeled shipping box whic h still comes in different sizes depending on the number of units shipped.
45 unit s per Tube
12 Tubes per Bag
2 bag s per Box Conduct ive Plasti c B ag
530mm x 130mm x 83mm Intermediate box
TO-220 Packaging Information: Figure 2.0
TO-220 Packaging Information Packaging Option Packaging type Qty per Tube/Box Box Dimension (mm) Max qty per Box Weight per unit (gm) Note/Comments Standard
(no f l ow code )
FSCINT Labe l samp le
FAIRCHILD SEMICONDUCTOR CORPORATION
1080 uni ts maxi mum quant it y per bo x
S62Z BULK 300
LOT:
CBVK741B019
QTY:
HTB:B 1080
NSID:
FDP7060
SPEC:
Rail/Tube 45 530x130x83 1,080 1.4378
D/C1:
D9842
SPEC REV: QA REV:
B2
114x102x51 1,500 1.4378
FSCINT Label
(FSCINT)
TO-220 bulk Packing Configuration: Figure 3.0
FSCINT Label An ti-stati c Bubbl e Sheet s 530mm x 130mm x 83mm Intermediate box
1500 uni ts maxi mum quant it y per intermediate box 300 units per EO70 box 114mm x 102mm x 51mm EO70 Immed iate Box 5 EO70 boxe s per per Interm ediate Bo x
FSCINT Label
TO-220 Tube Configuration: Figure 4.0
Note: All dim ensions are in inches
0.123 +0.001 -0.003
0.165 0.080 0.450 .030 1.300 .015 0.032 .003 0.275
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
F9852 NDP4060L
0.160
20.000 +0.031 -0.065
0.800 0.275
August 1999, Rev. B
TO-220 Tape and Reel Data and Package Dimensions, continued
TO-220 (FS PKG Code 37)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 1.4378
September 1998, Rev. A
TO-263AB/D2PAK Tape and Reel Data and Package Dimensions
TO-263AB/D2PAK Packaging Configuration: Figure 1.0
Packaging Description:
EL ECT ROST AT IC SEN SIT IVE DEVICES
DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S
TNR D ATE PT NUMB ER PEEL STREN GTH MIN ___ __ ____ __ ___gms MAX ___ ___ ___ ___ _ gms
Antistatic Cover Tape
ESD Label
TO-263/D2PAK parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled parts in standard option are shipped with 800 units per 13" or 330cm diameter reel. The reels are dark blue in color and is made of polystyrene plastic (antistatic coated). This and some other options are further described in the Packaging Information table. These full reels are individually barcode labeled, dry packed, and placed inside a standard intermediate box (illustrated in figure 1.0) made of recyclable corrugated brown paper. One box contains one reel maximum. And these boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped.
CAUTION
Static Dissipative Embossed Carrier Tape Moisture Sensitive Label F63TNR Label Customized Label
TO-263AB/D2PAK Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel Note/Comments Standard (no flow code) TNR 800 13" Dia 359x359x57 800 1.4378 1.6050 L86Z Rail/Tube 45 530x130x83 1,080 1.4378 -
TO-263AB/D2PAK Unit Orientation
359mm x 359mm x 57mm Standard Intermediate box ESD Label
F63TNR Label sample
F63TNR Label
LOT: CBVK741B019 FSID: FDB6320L QTY: 800 SPEC:
DRYPACK Bag
(F63TNR)3
D/C1: D9842 D/C2:
QTY1: QTY2:
SPEC REV: CPN: N/F: F
TO-263AB/D2PAK Tape Leader and Trailer Configuration: Figure 2.0
Carrier Tape Cover Tape
Components Trailer Tape 400mm minimum or 25 empty pockets Leader Tape 1520mm minimum or 95 empty pockets
September 1999, Rev. B
F9835 FDB603AL
F9835 FDB603AL
F9835 FDB603AL
F9835 FDB603AL
Moisture Sensitive Label
TO-263AB/D2PAK Tape and Reel Data and Package Dimensions, continued
TO-263AB/D2PAK Embossed Carrier Tape Configuration: Figure 3.0 P0
T E1
D0
F K0 Wc B0 E2 W
Tc A0 P1 D1
User Direction of Feed
Dimensions are in millimeter Pkg type TO263AB/ D2PAK (24mm)
A0
10.60 +/-0.10
B0
15.80 +/-0.10
W
24.0 +/-0.3
D0
1.55 +/-0.05
D1
1.60 +/-0.10
E1
1.75 +/-0.10
E2
22.25 min
F
11.50 +/-0.10
P1
16.0 +/-0.1
P0
4.0 +/-0.1
K0
4.90 +/-0.10
T
0.450 +/-0.150
Wc
21.0 +/-0.3
Tc
0.06 +/-0.02
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C).
10 deg maximum Typical component cavity center line
0.9mm maximum
B0 10 deg maximum component rotation
0.9mm maximum
Sketch A (Side or Front Sectional View)
Component Rotation
A0 Sketch B (Top View)
Typical component center line
Sketch C (Top View)
Component lateral movement
TO-263AB/D Figure 4.0
2PAK
Reel Configuration:
Component Rotation
W1 Measured at Hub
Dim A Max
B Min Dim C
Dim A max
Dim N
Dim D min
DETAIL AA See detail AA W3
13" Diameter Option
W2 max Measured at Hub
Dimensions are in inches and millimeters
Tape Size
24mm
Reel Option
13" Dia
Dim A
13.00 330
Dim B
0.059 1.5
Dim C
512 +0.020/-0.008 13 +0.5/-0.2
Dim D
0.795 20.2
Dim N
4.00 100
Dim W1
0.961 +0.078/-0.000 24.4 +2/0
Dim W2
1.197 30.4
Dim W3 (LSL-USL)
0.941 - 0.1.079 23.9 - 27.4
August 1999, Rev. B
TO-263AB/D2PAK Tape and Reel Data and Package Dimensions, continued
TO-263AB/D2PAK (FS PKG Code 45)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 1.4378
August 1998, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST FASTrTM GTOTM
DISCLAIMER
HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. E


▲Up To Search▲   

 
Price & Availability of FDP7042L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X